Part Number Hot Search : 
1N5359 EL3011 LR2D1 ES519 GL1162 MPC5604B 10431 HER507
Product Description
Full Text Search
 

To Download EVAL-ADF4153EB1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
Evaluation Board For Fractional-N PLL Frequency Synthesizer
EVAL-ADF4153EB1
GENERAL DESCRIPTION
FEATURES Self-Contained Board including Synthesizer, VCO and Loop Filter (1.7 to 1.8GHz) Designed for 10MHz PFD Spacing & 20kHz Loop Bandwidth Accompanying Software allows complete control of synthesizer functions from PC Battery Operated: Choice of 3V or 5V supplies Typical Phase Noise Performance of -103dBc/Hz @ 1kHz offset
This board is designed to allow the user to evaluate the performance of the ADF4106 Frequency Synthesizer for PLL's (Phase Locked Loops). The block diagram of the board is shown below. It contains the ADF4153 synthesizer, a pc connector, 10MHz TCXO for the reference input, SMA connectors for the power supplies and RF output. There is also a low pass loop filter (20kHz) and a VCO (Vaari-L VCO190-1750T) on board. The eval board is setup for a 10MHz PFD comparison frequency. A cable is included with the board to connect to a pc printer port. The package also contains windows software to allow easy programming of the synthesizer.
BLOCK DIAGRAM
V
DD
9V BATTERY
V
VCO Test VCO
POWER SWITCH ON OFF Filter
VP
Test
Muxout ADF4153
RF
OUT
SMA Socket TCXO
CE
EVAL-ADF4153EB1 PC CONNECTOR REF IN
REV.PrA 03/03
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
(c) Analog Devices, Inc., 1999 One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781-329-4700 Fax: 781-326-8703
EVAL-ADF4153EB1
Hardware Description Loop Filter Components:
The evaluation board comes with a cable for connecting to the printer port of a PC. The silk screen and cable diagram for the evaluation board are shown below. The board schematic is shown on pages 3 and 4.
Loop component values shown in the circuit diagram are for 1.75GHz RF output, 2.5mA CP current, VCO1901750T VCO, 10MHz PFD frequency, 20kHz loop bandwidth, phase margin = 45 degrees. N = 175. On the evaluation kit CD is a copy of ADIsimPLL software. This allows the user to create new filter designs and model the frequency and time domain responsees of these loops. It also has a useful report and schematic option.
EVAL-ADF411X EVAL-ADF421X
6 7
1 2 3 4 5
Black - CLK Brown - DATA Red - LE Orange - CE White - GND Yellow
1 2 3 4 5 6 7 8 9
Blue
14 15 16 17 18 19 20 21 22 23 24
Figure 1. Evaluation Board Silkscreen
8 9
The board is powered from a single 9V battery. The power supply ciruitry allows the user to choose 3V for the ADF4153 VDD and either 3V or 5V for the ADF4106 VP, and for the VCO supply. The default settings are 3V for the ADF4153 VDD and 5V for the ADF4153 VP and for the VCO supply. It is very important to note that the ADF4153VDD should never exceed the ADF4153 VP. This can damage the device. All components necessary for LO generation are catered for on-board. The 10MHz TCXO from Fox provides the necessary Reference Input. The PLL is made up of the ADF4153, passive loop filter (20kHz) and the VCO1901750T VCO from Vari-L. The output is available at RFOUT through a standard SMA connector. If the user wishes they may use their own power supplies and reference input. In this case, they need to insert SMA connectors to as shown on the silkscreen and block diagram. -2-
PC
9 Way Female D-Type To ADF411X ADF421X Evaluation Board
10 11 12
Purple
25 13
25 Way Male D-Type To PC Printer Port
ADF411X/ADF421X CABLE CONNECTIONS Rev 2 (15/3/99)
Figure 2. PC Cable Diagram
REV.PrA 03/03
EVAL-ADF4153EB1
Figure 3. Evaluation Board Circuit Diagram (Page 1)
-3-
REV.PrA 03/03
EVAL-ADF4153EB1
Figure 4. Evaluation Board Circuit Diagram (Page 2)
-4-
REV.PrA 03/03
EVAL-ADF4153EB1
Spectrum Analyzer Oscilloscope
9V BATTERY
ON
OFF
5.8GHz VCO ADF4106 RFOUT
Muxout
EVAL-ADF4106EB1
PC CONNECTOR
PC
Evaluation Setup
-5-
REV.PrA 03/03
EVAL-ADF4153EB1
Software Description
The software comes on a CD. If the user double clicks on "setup.exe", then the install wizard installs the software. Follow the on-screen directions. The software will be installed in a default directory called "C:/Program Files/ Analog Devices/ADF_Frac". To run the software, click on ADF_Frac_Rev2.exe. Before the main software screen appears, the Device window appears, which will ask the user to choose which device is being evaluated. Choose the ADF4153 and click OK. The Main Interface window will now appear. (See Figure 5) Click on Update All registers. The data is now set up, and other features can now be examined by the user.
To change RF VCO Output Frequency and/or channel spacing, click on the text of the RF VCO Output Frequency. The Output Frequency window will appear. Click on Charge Pump Current Setting and the Current Setting window will appear. Grab the pointer to set the Charge Pump Current Setting. Click OK.
Figure 5. Software Front Panel
-6-
REV.PrA 03/03
EVAL-ADF4153EB1
Table 1. Bill of Materials for the EVAL-ADF4153EB1 (page 1 of 2)
Name C1 C2 C3 C4 C5 C6 C7 C8 C9 C10 C11 C12 C13 C14 C15 C16 C17 C18 C19 C20 C21 C22 C23 C24 C25 D1 D2 D3 D4 J1 J2 J3 J4 J5 J6 J7 J8 J9 J10 LK1 LK2 LK3 LK4 LK5 P1 P1 R1A R1 R2 R3 R4 R5 R6 R7 R8 R9 R10
Part Type CAP CAP CAP CAP CAP CAP CAP CAP+ CAP CAP CAP CAP+ CAP CAP CAP CAP CAP CAP CAP CAP+ CAP CAP+ CAP+ CAP CAP+ LED DIODE SD103C LED CON-DB9HM SMA SMA SMA SMA SMA SMA SMA SMA SMA JUMPER2\SIP3 JUMPER-2 JUMPER2\SIP3 JUMPER2\SIP3 JUMPER2\SIP3 BATT_PP3 9V PP3 Battery RES RES RES RES RES RES RES RES RES RES RES
Value 100pF 1.5nF 20pF 0.1uF 10pF 0.1uF 10pF 22uF 6.3V 10pF 0.1uF 10pF 22uF 6.3V 10pF 1nF 1nF 100pF 100pF 100pF 100pF 1uF 10nF 4.7uF 10V 1uF 10nF 4.7uF 10V Green 6.2V Red
PCB Decal 0805 0805 0805 0603 0603 0603 0603 CAP\TAJ_A 0603 0603 0603 CAP\TAJ_A 0603 0603 0603 0603 0603 0603 0603 CAP\TAJ_A 0603 CAP\TAJ_A CAP\TAJ_A 0603 CAP\TAJ_A LED DO35 DO35 LED DB9-HM SMA_90DEG SMA_90DEG SMA_90DEG SMA_90DEG SMA_90DEG SMA_90DEG SMA_90DEG SMA_90DEG SMA_90DEG LINK-3P JUMPER_2 LINK-3P LINK-3P LINK-3P BATT_PP3 0805 0805 0805 0603 0603 0603 0603 0603 0603 0603 0603
Stock Code FEC 499-171 Digikey PCC2156CT-ND FEC 499-675 FEC 499-110 FEC 499-675 FEC 499-110 FEC 197-038 FEC 499-110 FEC 499-675 FEC 499-110 FEC 197-038 FEC 499-110 FEC 317-202 FEC 317-202 FEC 499-122 FEC 499-122 FEC 499-122 FEC 499-122 FEC 498-701 FEC 499-146 FEC 498-658 FEC 498-701 FEC 499-146 FEC 498-658 FEC 365-117 SD103C FEC 657-130 FEC 150-750 Pasternack PE4118
FEC 512-047 & FEC 150-410 FEC 512-035 & FEC 150-410 FEC 512-047 & FEC 150-410 FEC 512-047 & FEC 150-410 FEC 512-047 & FEC 150-410 FEC 723-988 FEC 908-526 FEC 321-8132 FEC 321-8156 FEC 911-318 FEC 911-143 FEC 911-143 FEC 911-143 FEC 911-021 FEC 911-021 FEC 911-021 Digikey 311-51GCT-ND
4k3 6k2 4k7 330R 330R 330R 18R 18R 18R 51r
SMD Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes No No No No No No No No No No No No No No No No No No No No No Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes
Assemble Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes No Yes Yes Yes Yes Yes No No No No No No No No Yes Yes Yes Yes Yes Yes Yes No Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes
Layer Name Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top
Pos X 1400 1300 1200 1737.5 1662.5 2112.5 2187.5 1037.5 1037.5 1950 1975 1225 1225 1562.5 1662.5 1700 1500 675 675 1625 1500 1775 1187.5 1050 1312.5 2525 3000 2600 175 2525 150 150 3000 150 3000 150 3000 150 150 1575 2500 1350 900 1800 2925 2925 1400 1300 1200 1775 2525 2625 2725 850 850 1025 1050
Pos Y -2025 -2025 -1825 -2262.5 -2262.5 -2037.5 -2037.5 -2212.5 -2312.5 -1875 -1975 -2812.5 -2900 -2687.5 -2487.5 -2137.5 -2200 -2625 -2725 -1062.5 -1175 -1300 -1062.5 -1175 -1300 -1625 -1200 -1100 -300 -3700 -700 -1250 -1450 -3200 -2275 -2725 -1850 -1650 -2300 -1775 -2275 -1475 -1475 -1475 -225 -225 -1825 -1825 -2025 -1912.5 -3000 -3000 -3000 -2625 -2725 -2625 -2750
-7-
REV.PrA 03/03
EVAL-ADF4153EB1
Table 1. Bill of Materials for the EVAL-ADF4153EB1 (page 2 of 2)
R11 R12 R13 R14 R15 R16 R17 R18 R19 R20 R21 S1 T1 T2 T3 T4 T5 T6 T7 T8 T9 T10 T11 T12 T13 U1 U2 U3 Y1 Y2 Corners
RES RES RES RES RES RES RES RES RES RES RES SW_POWER TESTPOINT TESTPOINT TESTPOINT TESTPOINT TESTPOINT TESTPOINT TESTPOINT TESTPOINT TESTPOINT TESTPOINT TESTPOINT TESTPOINT TESTPOINT ADF411X ADP3300 ADP3300 VCO190-1750T OSC_TCXO Rubber Stick-On Feet x4 Bare PCB RF Eval Board Cable CD & Sleeve
10K 10K 10K 0r 0r 0r 51r 0r 330K 330K 4K7
10.0MHz
0603 0603 0603 0603 0603 0603 0603 0603 0603 0603 0805 SW_SIP-3P TESTPOINT TESTPOINT TESTPOINT TESTPOINT TESTPOINT TESTPOINT TESTPOINT TESTPOINT TESTPOINT TESTPOINT TESTPOINT TESTPOINT TESTPOINT TSSOP-16 SOT23-6 SOT23-6 VCO190-1750T OSC_TCXO
FEC FEC FEC FEC
911-355 911-355 911-355 772-227
FEC 772-227 FEC 772-227 FEC 911-537 FEC 911-537 FEC 911-318 FEC 150-559 FEC-240-345 FEC-240-345 FEC-240-345 FEC-240-345 FEC-240-345 FEC-240-345 FEC-240-345 FEC-240-345 FEC-240-345 FEC-240-345 FEC-240-345 FEC-240-345 FEC-240-345 ADF4153BRU ADP3300ART-5 ADP3300ART-3 Vari-L VCO190-1750T Fox 801BE FEC 148-922 Eval-ADF411xEB1 Rev. B Aragorn Services ADI Issue
Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes No No No No No No No No No No No No No No Yes Yes Yes Yes Yes
Yes Yes Yes Yes No Yes No Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes
Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top Top
2400 2550 2550 1187.5 1262.5 1512.5 1662.5 2262.5 1775 1325 500 2275 400 1800 575 2675 2675 2675 700 2525 450 450 2750 1787.5 1337.5 1925 1650 1200 650 1312.5
-2075 -2075 -2000 -2650 -2650 -2887.5 -2575 -2037.5 -1175 -1175 -300 -1250 -3200 -2487.5 -1550 -2625 -2725 -2825 -1850 -1850 -700 -1250 -1450 -1050 -1050 -2150 -1175 -1175 -2225 -3162.5
-8-
REV.PrA 03/03


▲Up To Search▲   

 
Price & Availability of EVAL-ADF4153EB1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X